Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC1100 Fiches technique(PDF) 66 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Fiches technique(HTML) 66 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 62Page - National Semiconductor (TI) SC1100 Datasheet HTML 63Page - National Semiconductor (TI) SC1100 Datasheet HTML 64Page - National Semiconductor (TI) SC1100 Datasheet HTML 65Page - National Semiconductor (TI) SC1100 Datasheet HTML 66Page - National Semiconductor (TI) SC1100 Datasheet HTML 67Page - National Semiconductor (TI) SC1100 Datasheet HTML 68Page - National Semiconductor (TI) SC1100 Datasheet HTML 69Page - National Semiconductor (TI) SC1100 Datasheet HTML 70Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 348 page
background image
www.national.com
66
Revision 1.1
SuperI/O Module (Continued)
4.1
FEATURES
PC98 and ACPI Compliant
• PnP Configuration Register structure
• Flexible resource allocation for all logical devices:
— Relocatable base address
— 9 parallel IRQ routing options
— 3 optional 8-bit DMA channels (where applicable)
Serial Port
• 16550A compatible
Infrared Communication Port
• IrDA 1.1 and 1.0 compatible
• Data rate of 1.152 Mbps (MIR)
• Data rate of 4.0 Mbps (FIR)
• Data rate of up to 115.2 Kbps (HP-SIR)
• Selectable internal or external modulation/demodulation
(ASK-IR and DASK-IR options of SHARP-IR)
• Consumer-IR (TV-Remote) mode
• Consumer Remote Control supports RC-5, RC-6, NEC,
RCA and RECS 80
• DMA support
System WakeUp Control (SWC)
• Power-up request upon detection of RI# or CEIR activity:
— Optional routing of power-up request on IRQ line
• Pre-programmed CEIR address in a pre-selected
standard (any NEC, RCA or RC-5)
• Powered by VSB
• Battery-backed wakeup setup
• Power-fail recovery support
Real-Time Clock
• A modifiable address that is referenced by a 16-bit
programmable register
• DS1287, MC146818 and PC87911 compatibility
• 242 bytes of battery backed up CMOS RAM in two
banks
• Selective lock mechanisms for the CMOS RAM
• Battery backed up century calendar in days, day of the
week, date of month, months, years and century, with
automatic leap-year adjustment
• Battery backed-up time of day in seconds, minutes and
hours that allows a 12 or 24 hour format and adjust-
ments for daylight savings time
• BCD or binary format for time keeping
• Three different maskable interrupt flags:
— Periodic interrupts - At intervals from 122 msec to
500 msec
— Time-of-Month alarm - At intervals from once per
second to once per month
— Update Ended Interrupt - Once per second upon
completion of update
• Separate battery pin, 3.0V operation that includes an
internal UL protection resistor
• 7 µA maximum power consumption during power down
• Double-buffer time registers
• Y2K Compliant
Clock Sources
• 48 MHz clock input
• On-chip low frequency clock generator for wakeup
• 32.768 KHz crystal with an internal frequency multiplier
to generate all required internal frequencies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com