Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC1100 Fiches technique(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Fiches technique(HTML) 26 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 22Page - National Semiconductor (TI) SC1100 Datasheet HTML 23Page - National Semiconductor (TI) SC1100 Datasheet HTML 24Page - National Semiconductor (TI) SC1100 Datasheet HTML 25Page - National Semiconductor (TI) SC1100 Datasheet HTML 26Page - National Semiconductor (TI) SC1100 Datasheet HTML 27Page - National Semiconductor (TI) SC1100 Datasheet HTML 28Page - National Semiconductor (TI) SC1100 Datasheet HTML 29Page - National Semiconductor (TI) SC1100 Datasheet HTML 30Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 348 page
background image
www.national.com
26
Revision 1.1
Signal Definitions (Continued)
AE22
SYNC
O
O2/5
VIO
---
CLKSEL3
I
(PD100)
INAB
Strap
AE23
GPIO12
I/O
(PU22.5)
INAB,
O2/8
VIO
PMR[19] = 0 and
PMR[27] = 0 and
FPCI_MON = 0
AB2C
I/O
(PU22.5)
INAB,
OD8
PMR[19] = 1 and
PMR[27] = 0 and
FPCI_MON = 0
F_AD3
O
(PU22.5)
O2/8
PMR[27] = 1 or
FPCI_MON = 1
(overrides PMR[19])
AE24
NC
---
---
---
---
AE25
VSS
GND
---
---
---
AE26
VIO
PWR
---
---
---
AF1
VSS
GND
---
---
---
AF2
VIO
PWR
---
---
---
AF3
IDE_DATA11
I/O
INTS1,
TS1/4
VIO
---
AF4
IDE_DATA10
I/O
INTS1,
TS1/4
VIO
---
AF5
IDE_DATA9
I/O
INTS1,
TS1/4
VIO
---
AF6
AVCCUSB
PWR
---
---
---
AF7
DPOS_PORT2
I/O
INUSB,
OUSB
AVC-
CUSB
---
AF8
DNEG_PORT2
I/O
INUSB,
OUSB
AVC-
CUSB
---
AF9
AVSSPLL
GND
---
---
---
AF10
X27I
I
WIRE
VIO
---
AF11
GPIO7
I/O
(PU22.5)
INTS,
O1/4
VIO
PMR[17] = 0 and
PMR[8] = 0 and
PMR[27] = 0 and
FPCI_MON = 0
RTS#
O
O1/4
PMR[17] = 1 and
PMR[8] = 0 and
PMR[27] = 0 and
FPCI_MON = 0
IDE_DACK1#
O
(PU22.5)
O1/4
PMR[17] = 0 and
PMR[8] = 1 and
PMR[27] = 0 and
FPCI_MON = 0
F_C/BE3#
O
O1/4
PMR[27] = 1 or
FPCI_MON = 1
(overrides PMR[17]
and PMR[8])
AF12
GPIO10
I/O
(PU22.5)
INTS,
O1/4
VIO
PMR[18] = 0 and
PMR[8] = 0 and
PMR[27] = 0 and
FPCI_MON = 0
DSR#
I
INTS
PMR[18] = 1 and
PMR[8] = 0 and
PMR[27] = 0 and
FPCI_MON = 0
IDE_IORDY1
I
(PU22.5)
INTS1
PMR[18] = 0 and
PMR[8] = 1 and
PMR[27] = 0 and
FPCI_MON = 0
F_FRAME#
O
O1/4
PMR[27] = 1 or
FPCI_MON = 1
(overrides PMR[18]
and PMR[8])
Ball
No.
Signal Name
I/O
(PU/PD)
Buffer1
Type
Power
Rail
Configuration
AF13
VCORE
PWR
---
---
---
AF14
VCORE
PWR
---
---
---
AF15
PWRBTN#
I
(PU100)
INBTN
VSB
---
AF16
VSB
PWR
---
---
---
AF17
GPWIO2
I/O
(PU100)
INBTN,
TS2/14
VSB
---
AF182,3 PWRCNT2
O
OD14
VSB
---
AF19
GPIO11
I/O
(PU22.5)
INTS,
O8/8
VIO
PMR[18] = 0 and
PMR[8] = 0
RI#
I
(PU22.5)
INTS
VSB/VIO PMR[18] = 1 and
PMR[8] = 0
(Note: Power rail
controlled by SW)
IRQ15
I
(PU22.5)
INTS
VIO
PMR[18] = 0 and
PMR[8] = 1
AF20
TDI
I
(PU22.5)
INPCI
VIO
---
AF21
TMS
I
(PU22.5)
INPCI
VIO
---
AF22
SDATA_IN
I
INT
VIO
PMR[27] = 0 and
FPCI_MON = 0
F_GNT0#
O
O2/5
PMR[27] = 1 or
FPCI_MON = 1
AF23
AC97_RST#
O
O2/5
VIO
PMR[27] = 0 and
FPCI_MON = 0
F_STOP#
O
O2/5
PMR[27] = 1 or
FPCI_MON = 1
AF24
NC
---
---
---
---
AF25
VIO
PWR
---
---
---
AF26
VSS
GND
---
---
---
1.
For Buffer Type definitions, refer to Table 7-7 "Buffer
Types" on page 286.
2.
Is back-drive protected (MD[63:0], DOS_PORT1,
DNEG_PORT1, DOS_PORT2, DNEG_PORT2,
DOS_PORT3, DNEG_PORT3, ONCTL#, and
PWRCNT[2:1]).
3.
Is 5V tolerant (ONCTL# and PWRCNT[2:1])
Ball
No.
Signal Name
I/O
(PU/PD)
Buffer1
Type
Power
Rail
Configuration
Table 2-2.
Ball Assignment - Sorted by Ball Number (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com