Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSI721 Fiches technique(PDF) 13 Page - Renesas Technology Corp

No de pièce TSI721
Description  Table of Contents
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TSI721 Fiches technique(HTML) 13 Page - Renesas Technology Corp

Back Button TSI721 Datasheet HTML 9Page - Renesas Technology Corp TSI721 Datasheet HTML 10Page - Renesas Technology Corp TSI721 Datasheet HTML 11Page - Renesas Technology Corp TSI721 Datasheet HTML 12Page - Renesas Technology Corp TSI721 Datasheet HTML 13Page - Renesas Technology Corp TSI721 Datasheet HTML 14Page - Renesas Technology Corp TSI721 Datasheet HTML 15Page - Renesas Technology Corp TSI721 Datasheet HTML 16Page - Renesas Technology Corp TSI721 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 67 page
background image
Tsi721 Datasheet
13
April 4, 2016
Integrated Device Technology
1.4
Typical Applications
The Tsi721 supports the following typical applications:
• Defense and aerospace
— Radar
— Sonar
— Navigations systems
• Medical imaging
— CT scanners
—MRIs
•Video
— Teleconferencing
— Head end
• Wireless
— Baseband cards with x86
Three of Tsi721’s typical applications – defense/aerospace, video/imaging, and wireless – are discussed in the following
sections.
1.4.1
Defense/Aerospace Application
In defense applications, the Tsi721 supports the use of PCIe enabled x86 processors to RapidIO backplanes. This provides
system designers with the best of both worlds: the floating point and MIPs horsepower of the latest generation of x86 solutions,
with the superior peer-to-peer networking performance of RapidIO architectures.
By using the Tsi721 combined with IDT’s RapidIO Gen2 switches, payload processor cards with x86 processors can be used
with existing RapidIO 1.3 backplanes operating at up to 3.125 Gbaud, or the same card can be used with RapidIO Gen2
compatible backplanes operating at 5 Gbaud.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67