| Moteur de recherche de fiches techniques de composants électroniques |
|
TSI721 Fiches technique(PDF) 12 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
TSI721 Fiches technique(HTML) 12 Page - Renesas Technology Corp |
|
12 / 67 page ![]() Tsi721 Datasheet 12 April 4, 2016 Integrated Device Technology 1.3 Block Diagram The Tsi721 block diagram is displayed in the following figure. The five main functions of the device are briefly described below. Figure 1: Block Diagram 1.3.1 PCIe Interface The PCIe Interface performs all the physical, data link, and transport layer protocols associated with PCIe. 1.3.2 S-RIO Interface The S-RIO Interface performs all the physical and transport layer protocols associated with S-RIO. 1.3.3 Messaging Engine The Messaging Engine uses S-RIO messaging logical layer functions with dedicated messaging DMA channels per Tx queue and per Rx queue. 1.3.4 Mapping Engine The Mapping Engine maps between PCIe and S-RIO transactions, including segmentation and reassembly as required. 1.3.5 Block DMA Engine The Block DMA Engine uses 8 DMA channels, where descriptors of each DMA channel can perform read or write. JTAG I2C GPIO Clock Reset Block DMA Engine (BDMA) Messaging Engine (SMSG) PCIe Gen2 Interface (x4, x2, x1) S-RIO Gen2 Interface (x4, x2, x1) Mapping Engine PCIe to S-RIO (PC2SR) S-RIO to PCIe (SR2PC) |