Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PQ201 Fiches technique(PDF) 23 Page - Pico Technology Ltd.

No de pièce PQ201
Description  Smarter scopes for faster debug
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PICO [Pico Technology Ltd.]
Site Internet  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

PQ201 Fiches technique(HTML) 23 Page - Pico Technology Ltd.

Back Button PQ201 Datasheet HTML 19Page - Pico Technology Ltd. PQ201 Datasheet HTML 20Page - Pico Technology Ltd. PQ201 Datasheet HTML 21Page - Pico Technology Ltd. PQ201 Datasheet HTML 22Page - Pico Technology Ltd. PQ201 Datasheet HTML 23Page - Pico Technology Ltd. PQ201 Datasheet HTML 24Page - Pico Technology Ltd. PQ201 Datasheet HTML 25Page - Pico Technology Ltd. PQ201 Datasheet HTML 26Page - Pico Technology Ltd. PQ201 Datasheet HTML 27Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
PicoScope® 6000E Series
Math channels and filters
With PicoScope 6 you can select simple functions such as addition and inversion,
or open the equation editor to create complex functions involving filters (lowpass,
highpass, bandpass and bandstop filters), trigonometry, exponentials, logarithms,
statistics, integrals and derivatives.
Display up to eight real or calculated channels in each scope view. If you run out of
space, just open another scope view and add more. You can also use math channels to
reveal new details in complex signals, for example graphing the changing duty cycle or
frequency of your signal over time.
Custom probes in PicoScope oscilloscope software
The custom probes feature allows you to correct for gain, attenuation, offsets and
nonlinearities in probes, sensors or transducers that you connect to the oscilloscope.
This could be used to scale the output of a current probe so that it correctly displays
amperes. A more advanced use would be to scale the output of a nonlinear temperature
sensor using the table lookup function.
Definitions for standard Pico-supplied oscilloscope probes and current clamps are
included. User-created probes may be saved for later use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39