| Moteur de recherche de fiches techniques de composants électroniques |
|
PQ201 Fiches technique(PDF) 10 Page - Pico Technology Ltd. |
|
|
|||||||||||||||||||||||||||||
PQ201 Fiches technique(HTML) 10 Page - Pico Technology Ltd. |
|
10 / 39 page ![]() PicoScope® 6000E Series Signal fidelity Careful front-end design and shielding reduces noise, crosstalk and harmonic distortion. PicoScope 6000E Series oscilloscopes exhibit a dynamic performance of up to 60 dB SFDR. With PicoScope 6, when you probe a circuit, you can trust in the waveform you see on the screen. High resolution for low-level signals With their 12-bit resolution, the PicoScope 6824E, 6424E, 6425E and 6426E can display low-level signals at high zoom factors. This allows you to view and measure features such as noise and ripple superimposed on larger DC or low-frequency voltages. Additionally, you can use the lowpass filtering controls on each channel independently, to hide noise and reveal the underlying signal. |