| Moteur de recherche de fiches techniques de composants électroniques |
|
PQ201 Fiches technique(PDF) 15 Page - Pico Technology Ltd. |
|
|
|||||||||||||||||||||||||||||
PQ201 Fiches technique(HTML) 15 Page - Pico Technology Ltd. |
|
15 / 39 page ![]() PicoScope® 6000E Series DeepMeasure One waveform, millions of measurements. Measurement of waveform pulses and cycles is key to verification of the performance of electrical and electronic devices. DeepMeasure delivers automatic measurements of important waveform parameters, such as pulse width, rise time and voltage, for every individual cycle in the captured waveforms. Up to a million cycles can be displayed with each triggered acquisition or combined across multiple acquisitions. Results can be easily sorted, analyzed and correlated with the waveform display, or exported as a CSV file or spreadsheet for further analysis. For example, use DeepMeasure with PicoScope’s rapid trigger mode to capture 10 000 pulses and quickly find those with the largest or smallest amplitude, or use your scope’s deep memory to record a million cycles of one waveform and export the rise time of every single edge for statistical analysis. |