| Moteur de recherche de fiches techniques de composants électroniques |
|
PQ201 Fiches technique(PDF) 22 Page - Pico Technology Ltd. |
|
|
|||||||||||||||||||||||||||||
PQ201 Fiches technique(HTML) 22 Page - Pico Technology Ltd. |
|
22 / 39 page ![]() PicoScope® 6000E Series Ultra-high-definition display PicoScope PC-based instruments use the host computer’s display, which is typically larger and of higher resolution than the dedicated displays installed in traditional benchtop oscilloscopes. This allows room for simultaneous display of time- and frequency-domain waveforms, decoded serial bus tables, measurement results with statistics and more. PicoScope 6 software scales automatically to take full advantage of the improved resolution of larger display sizes, including 4K ultra-high definition models. At 3840 x 2160 resolution—over eight million pixels—PicoScope allows engineers to get more done in less time through split-screen views of multiple channels (or different views of the same channel) from the device under test. As the example shows, the software can even show multiple oscilloscope and spectrum analyzer traces at once. Large, high-resolution displays really come into their own when viewing high-resolution signals with the PicoScope 6426E, 6425E, 6824E and 6424E 8- to 12-bit FlexRes models. With a 4K monitor, PicoScope can display more than ten times the information of some of our competitors’ scopes, solving the problem of how to match a big display and features with a small-footprint portable oscilloscope. PicoScope also supports dual monitors: instrument control and waveforms displayed on the first, and large data sets from serial protocol decoders or DeepMeasure results on the second. The software can be controlled by mouse, touchscreen or keyboard shortcuts. |