Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PSD4235G2V-10UI Fiches technique(PDF) 96 Page - STMicroelectronics

No de pièce PSD4235G2V-10UI
Description  Flash In-System Programmable (ISP) Peripherals for 16-bit MCUs
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2V-10UI Fiches technique(HTML) 96 Page - STMicroelectronics

Back Button PSD4235G2V-10UI Datasheet HTML 92Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 93Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 94Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 95Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 96Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 97Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 98Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 99Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 100Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 96 / 100 page
background image
PSD4256G6V
96/100
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
PACKAGE MECHANICAL INFORMATION
Figure 50. TQFP80 – 80-lead Plastic Quad Flatpack Package Outline
Note: Drawing is not to scale.
QFP-A
Nd
E1
CP
b
e
A2
A
N
L
A1
α
D1
D
1
E
Ne
c
D2
E2
L1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100