Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PSD4235G2V-10UI Fiches technique(PDF) 92 Page - STMicroelectronics

No de pièce PSD4235G2V-10UI
Description  Flash In-System Programmable (ISP) Peripherals for 16-bit MCUs
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2V-10UI Fiches technique(HTML) 92 Page - STMicroelectronics

Back Button PSD4235G2V-10UI Datasheet HTML 88Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 89Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 90Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 91Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 92Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 93Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 94Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 95Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 100 page
background image
PSD4256G6V
92/100
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
Figure 47. Peripheral I/O READ Timing Diagram
Table 68. Port F Peripheral Data Mode READ Timing
Symbol
Parameter
Conditions
-10
Turbo
Off
Unit
Min
Max
tAVQV–PF
Address Valid to Data Valid
(Note 3)
50
+ 20
ns
tSLQV–PF
CSI Valid to Data Valid
50
+ 20
ns
tRLQV–PF
RD to Data Valid
(Notes 1,4)
35
ns
RD to Data Valid 8031 Mode
45
ns
tDVQV–PF
Data In to Data Out Valid
34
ns
tQXRH–PF
RD Data Hold Time
0
ns
tRLRH–PF
RD Pulse Width
(Note 1)
35
ns
tRHQZ–PF
RD to Data High-Z
(Note 1)
38
ns
tQXRH (PF)
tRLQV (PF)
tRLRH (PF)
tDVQV (PF)
tRHQZ (PF)
tSLQV (PF)
tAVQV (PF)
ADDRESS
DATA VALID
ALE /AS
A /D BUS
RD
DATA ON PORT F
CSI
AI05740



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100