Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM79C901AVIT Fiches technique(PDF) 87 Page - Advanced Micro Devices

No de pièce AM79C901AVIT
Description  HomePHY Single-Chip 1/10 Mbps Home Networking PHY
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C901AVIT Fiches technique(HTML) 87 Page - Advanced Micro Devices

Back Button AM79C901AVIT Datasheet HTML 82Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 83Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 84Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 85Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 86Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 87Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 88Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 89Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 90Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 87 / 90 page
background image
Am79C901A
87
PR ELI M IN AR Y
AC CHARACTERISTICS (CONCLUDED)
External Clock (XTAL1)
Figure 22.
External Clock Timing
Reset
No.
Symbol
Parameter Description
Min
Max
Unit
119
tPER
Cycle time
16.665
16.669
ns
120
tPWH
Cycle HIGH time
0.4 x TCYCLE
0.6 x TCYCLE
ns
121
tPWL
Cycle LOW time
0.4 x TCYCLE
0.6 x TCYCLE
ns
XTAL1
119
121
120
22304B-46
Symbol
Parameter Description
Min
Max
Unit
tPW
RESET
↓ to RESET ↑
5000
–
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90