Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM79C901AVIT Fiches technique(PDF) 46 Page - Advanced Micro Devices

No de pièce AM79C901AVIT
Description  HomePHY Single-Chip 1/10 Mbps Home Networking PHY
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C901AVIT Fiches technique(HTML) 46 Page - Advanced Micro Devices

Back Button AM79C901AVIT Datasheet HTML 42Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 43Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 44Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 45Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 46Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 47Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 48Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 49Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 50Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 90 page
background image
46
Am79C901A
PR ELI M IN AR Y
HPR2 and HPR3: HomePNA PHY ID Registers (Registers 2 and 3)
Table 19.
HPR2: HomePNA PHY ID Register (Register 2)
Table 20.
HPR3: HomePNA PHY ID Register (Register 3)
Bits
Name
Description
Read/
Write
Default
Value
(hex)
15:0
PHY_ID MSB (31-16)
Most significant bytes of the PHY_ID (Bits 3-18)
R0000
Bits
Name
Description
Read/
Write
Default
Value (hex)
15:10
PHY_ID LSB (15-10)
IEEE Address (Bits 19-24)
R1A
9:4
PHY_ID LSB (9-4)
Manufacturer’s Model Number
R39
3:0
PHY_ID LSB (3-0)
Revision Number
R
1 (rev. A.1)
2 (rev. A.2)
3 (rev. A.3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90