Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM79C901AVIT Fiches technique(PDF) 29 Page - Advanced Micro Devices

No de pièce AM79C901AVIT
Description  HomePHY Single-Chip 1/10 Mbps Home Networking PHY
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C901AVIT Fiches technique(HTML) 29 Page - Advanced Micro Devices

Back Button AM79C901AVIT Datasheet HTML 25Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 26Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 27Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 28Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 29Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 30Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 31Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 32Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 33Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 90 page
background image
Am79C901A
29
PR ELI M IN AR Y
The operation field (OP) follows the start field (ST).
The OP indicates whether the operation is a read or a
write operation. The PHY address (PHYADD) and the
register address (REGADD) that were programmed
follow this. A bus turnaround field (TA) follows the RE-
GADD field. During the read operation, the bus TA
field is used to determine if the PHY is responding
properly to the read request. The final field is the idle
field, and it is required to allow the drivers to turn off.
The PHYADD field, which is five bits wide, allows 32
unique PHY addresses. The managed PHY layer de-
vice that is connected to a station management entity
via the MII interface has to respond to transactions ad-
dressed to the PHY’s address. A station management
entity attached to multiple PHYs is required to have
prior knowledge of the appropriate PHY address.
For more information, see the IEEE 802.3 specification
and the MII pin descriptions.
Figure 14.
MII Start of Transmission
TX_CLK
TX_EN
TXD
CRS
RX_CLK
RX_DV
RXD
55
Idle
Preamble
Data
D
55
55
55
D
2
COL
22304B-16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90