Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM79C901AVIT Fiches technique(PDF) 25 Page - Advanced Micro Devices

No de pièce AM79C901AVIT
Description  HomePHY Single-Chip 1/10 Mbps Home Networking PHY
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C901AVIT Fiches technique(HTML) 25 Page - Advanced Micro Devices

Back Button AM79C901AVIT Datasheet HTML 21Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 22Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 23Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 24Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 25Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 26Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 27Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 28Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 29Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 90 page
background image
Am79C901A
25
PR ELI M IN AR Y
Figure 6.
TXPKT - TXEN Cleared
Figure 7.
TXPKT - CLS Asserted
TXCLK
TXEN
TXDAT
RXCLK
RXCRS
RXDAT
CLS
22304B-8
Note: Once TXEN is cleared, the last symbol gets encoded and transmitted, the looped-back data is presented
back to the MAC, and RXCRS falls. Once RXCRS falls, TXCLK and RXCLK toggle for 96 clocks, after which
the system returns to the Idle state.
TXCLK
TXEN
TXDAT
RXCLK
RXCRS
RXDAT
CLS
Note: CLS will be asserted some time after the preamble and SFD have been clocked in. TXCLK and RXCLK
are then clocked until RXCRS drops. TXEN drops about 32 clocks after CLS was asserted. RXCRS and CLS
are dropped together after more than 500 clocks (about 120
µs). TXCLK and RXCLK keep toggling for approx-
imately another 100 clock cycles, when the system returns to the Idle state.
22304B-9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90