Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS5320 Fiches technique(PDF) 72 Page - Applied Micro Circuits Corporation

No de pièce CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMCC [Applied Micro Circuits Corporation]
Site Internet  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Fiches technique(HTML) 72 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 68Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 69Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 70Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 71Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 72Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 73Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 74Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 75Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 76Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 160 page
background image
S5320 – PCI Match Maker: Operation Registers
72
DS1656
AMCC Confidential and Proprietary
Revision 5.03 – June 14, 2006
Data Sheet
Table 34. Mailbox Empty/Full Status Register
Bit
Description
31:28
Add-On Outgoing Mailbox Status. This field indicates which byte of the outgoing mailbox register has been writ-
ten by the Add-On interface but has not yet been read by the PCI bus. Each bit location corresponds to a spe-
cific byte within the outgoing mailbox. A value of 1 for each bit signifies that the specified mailbox byte is full, and
a value of 0 signifies empty. The mapping of these status bits to bytes within the mailbox is as follows:
Bit 31 = Outgoing mailbox byte 3
Bit 30 = Outgoing mailbox byte 2
Bit 29 = Outgoing mailbox byte 1
Bit 28 = Outgoing mailbox byte 0
15:12
Add-On Incoming Mailbox Status. This field indicates which byte of the incoming mailbox register has been writ-
ten by the PCI bus interface but has not yet been read by the Add-On bus. Each bit location corresponds to a
specific byte within the incoming mailbox. A value of 1 for each bit signifies that the specified mailbox byte is full,
and a value of 0 signifies empty. The mapping of these status bits to bytes is as follows:
Bit 15 = Incoming mailbox byte 3
Bit 14 = Incoming mailbox byte 2
Bit 13 = Incoming mailbox byte 1
Bit 12 = Incoming mailbox byte 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More