Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LP3972 Fiches technique(PDF) 57 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No de pièce LP3972
Description  Power Management Unit for Advanced Application Processors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3972 Fiches technique(HTML) 57 Page - National Semiconductor (TI)

Back Button LP3972 Datasheet HTML 51Page - National Semiconductor (TI) LP3972 Datasheet HTML 52Page - National Semiconductor (TI) LP3972 Datasheet HTML 53Page - National Semiconductor (TI) LP3972 Datasheet HTML 54Page - National Semiconductor (TI) LP3972 Datasheet HTML 55Page - National Semiconductor (TI) LP3972 Datasheet HTML 56Page - National Semiconductor (TI) LP3972 Datasheet HTML 57Page - National Semiconductor (TI) LP3972 Datasheet HTML 58Page - National Semiconductor (TI) LP3972 Datasheet HTML 59Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 57 / 59 page
background image
Application Hints (Continued)
Buck Output Ripple Management
If V
IN and ILOAD increase, the output ripple associated with
the Buck Regulators also increases. The figure below shows
the safe operating area. To ensure operation in the area of
concern it is recommended that the system designer circum-
vents the output ripple issues to install schottky diodes on
the Bucks(s) that are expected to perform under these ex-
treme corner conditions.
(Schottky diodes are recommended to reduce the output
ripple, if system requirements include this shaded area of
operation. V
IN > 1.5V and ILOAD > 1.24)
20207647
www.national.com
57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59