Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC602EC/D Fiches technique(PDF) 21 Page - NXP Semiconductors

No de pièce MPC602EC/D
Description  PowerPC 602TM RISC Microprocessor Hardware Specification
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC602EC/D Fiches technique(HTML) 21 Page - NXP Semiconductors

Back Button MPC602EC/D Datasheet HTML 17Page - NXP Semiconductors MPC602EC/D Datasheet HTML 18Page - NXP Semiconductors MPC602EC/D Datasheet HTML 19Page - NXP Semiconductors MPC602EC/D Datasheet HTML 20Page - NXP Semiconductors MPC602EC/D Datasheet HTML 21Page - NXP Semiconductors MPC602EC/D Datasheet HTML 22Page - NXP Semiconductors MPC602EC/D Datasheet HTML 23Page - NXP Semiconductors MPC602EC/D Datasheet HTML 24Page - NXP Semiconductors MPC602EC/D Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
PowerPC 602 RISC Microprocessor Hardware Specifications
21
1.6.2.2 Mechanical Dimensions of the IBM PQFP Package
Figure 11 shows the mechanical dimensions for the IBM wire-bond PQFP package.
Figure 11. Mechanical Dimensions of the IBM Wire-Bond PQFP Package
Min.
Max.
A
27.80 28.20
B
30.95 31.35
C
0.65 BSC
D
0.20
0.40
E
3.9
4.5
F
0.25
0.45
G
0.65
0.95
H
0.10
0.20
J1
°
7
°
A
*Not to scale
E
Notes:
1. BSC—Between Standard Centers.
2. All measurements in mm.
G
F
Pin 144
B
Pin 1
CD
H
J
PRELIMINARY
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26