| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC602EC/D Fiches technique(PDF) 16 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC602EC/D Fiches technique(HTML) 16 Page - NXP Semiconductors |
|
16 / 26 page ![]() 16 PowerPC 602 RISC Microprocessor Hardware Specifications 1.5 Pinout Listing Table 10 provides the pinout listing for the 602 Table 10. PowerPC 602 Microprocessor Pinout Listing Signal Name Pin Number Active I/O AD0–AD31 69, 70, 71, 75, 76, 77, 79, 80, 81, 82, 84, 85, 86, 87, 89, 90, 91, 92, 94, 95, 96, 97, 99, 100, 101, 102, 104, 105, 106, 107, 110, 111 High I/O AACK 33 Low Input ARTRY 37 Low I/O AVDD 19 High Input BB 144 Low I/O BE0–BE7 (D40–D47) (PFA8–PFA15) 54, 55, 58, 59, 61, 62, 65, 66 High High High Output I/O Output BG 29 Low Input BR 30 Low Output CI (D60) 118 Low High Output I/O CLK_OUT 12 — Output CKSTP_IN 4 Low Input CKSTP_OUT 3 Low Output GBL (D59) 120 Low High I/O I/O GND 20, 38, 44, 52, 60, 68, 113, 121, 129, 137, 143 Low Input HRESET 9 Low Input INT 7 Low Input LSSD_MODE* 23 Low Input L1_TSTCLK* 22 — Input L2_TSTCLK* 21 — Input MCP 6 Low Input OGND 11, 35, 45, 57, 67, 78, 88, 98, 108, 119, 130, 140 Low Input OVDD 5, 31, 39, 51, 63, 74, 83, 93, 103, 114, 124, 135 High Input PFA0–PFA7 (D32–D39) 41, 42, 43, 46, 47, 49, 50, 53 High High I/O I/O PFA16–PFA17 (D48–D49) 138,139 High High Output I/O Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |