Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32U595QJ Fiches technique(PDF) 123 Page - STMicroelectronics

No de pièce STM32U595QJ
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595QJ Fiches technique(HTML) 123 Page - STMicroelectronics

Back Button STM32U595QJ Datasheet HTML 119Page - STMicroelectronics STM32U595QJ Datasheet HTML 120Page - STMicroelectronics STM32U595QJ Datasheet HTML 121Page - STMicroelectronics STM32U595QJ Datasheet HTML 122Page - STMicroelectronics STM32U595QJ Datasheet HTML 123Page - STMicroelectronics STM32U595QJ Datasheet HTML 124Page - STMicroelectronics STM32U595QJ Datasheet HTML 125Page - STMicroelectronics STM32U595QJ Datasheet HTML 126Page - STMicroelectronics STM32U595QJ Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 377 page
background image
-
-
J5
51
U7
Y8
L6
K13
R8
-
-
J5
54
L6
PF14
I/O
FT_fha
-
I2C4_SCL, LCD_G0,
TSC_G8_IO1,
FMC_A8, EVENTOUT
ADC4_IN5
-
-
L6
52
Y8
U7
N6
R18
P8
-
-
L6
55
N6
PF15
I/O
FT_fha
-
I2C4_SDA, LCD_G1,
TSC_G8_IO2,
FMC_A9, EVENTOUT
ADC4_IN6
-
-
M6
53
T6
P6
J6
H11
R9
-
-
M6
56
J6
PG0
I/O
FT_ha
-
OCTOSPIM_P2_IO4,
TSC_G8_IO3,
FMC_A10, EVENTOUT
ADC4_IN7
-
-
K6
54
W7
W7
H7
J12
N8
-
-
K6
57
H7
PG1
I/O
FT_ha
-
OCTOSPIM_P2_IO5,
TSC_G8_IO4,
FMC_A11, EVENTOUT
ADC4_IN8
-
35
K755AB8
T6
L7
L12
N9
-
38
K758
L7
PE7
I/O
FT_h
-
TIM1_ETR,
MDF1_SDI2, LCD_B6,
FMC_D4, SAI1_SD_B,
EVENTOUT
WKUP6
-
36
J6
56
V6
AA7
K7
N14 M8
-
39
J6
59
K7
PE8
I/O
FT_h
-
TIM1_CH1N,
MDF1_CKI2, LCD_B7,
FMC_D5,
SAI1_SCK_B,
EVENTOUT
WKUP7
Table 26. STM32U59xxx pin/ball definitions(1) (continued) (continued)
Pin number
Pin name
(function
after reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More