| Moteur de recherche de fiches techniques de composants électroniques |
|
STPM066S Fiches technique(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPM066S Fiches technique(HTML) 41 Page - STMicroelectronics |
|
41 / 67 page ![]() 1000: Test 1001: OTP_Prog FSM2REC: read & clear. State machine status before going into REC mode. 000: default value after reset release or R&C; 001: INIT, means the state machine moved from INIT mode to REC mode; 010: RAMPUP, means the state machine moved from RAMPUP mode to REC mode; 011: SECUP, means the state machine moved from SECUP mode to REC mode; 100: ACTIVE, means the state machine moved from ACTIVE mode to REC mode; TOREC_REASON_FLAG: read & clear. The reason that make state machine jump to REC. When FSM2 REC is INIT: Bit4 = 1: lbist_fail flag makes state machine from INIT to REC. Bit5 = 1: abist_fail flag makes state machine from INIT to REC. Bit6 = 1: buck_pg_loss flag makes state machine from INIT to REC. Bit7 = 1: saf_crc_fail flag makes state machine from INIT to REC. When FSM2REC is RAMPUP: Bit4 = 1: lbist_fail flag makes state machine from RAMPUP to REC. Bit5 = 1: buck_fail flag ( PG=0 & timer expired) makes state machine from RAMPUP to REC. Bit6 = 1: buck_pg_loss makes state machine from RAMPUP to REC. When FSM2REC is SECUP: Bit4 = 1: lbist_fail flag makes state machine from SECUP to REC. Bit5 = 1: buck_PG=0 flag makes state machine from SECUP to REC. Bit6 = 1: buck_pgndloss flag makes state machine from SECUP to REC. Bit7 = 1: vreg_ot flag makes state machine from SECUP to REC. When FSM2REC is ACTIVE: Bit4 = 1: lbist_fail flag makes state machine from ACTIVE to REC. Bit5 = 1: buck_PG=0 or vreg_ot flag makes state machine from ACTIVE to REC. Bit6 = 1: buck_pg_loss flag makes state machine from ACTIVE to REC. Bit7 = 1: SECUP fail=3 flag makes state machine from ACTIVE to REC. Bit8 = 1: Rstb fail. 5.2.21 SPI Device Identification 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 RESERVED OTP_DEVICE_IDENTIFICATION R R R R R R R R R R R R R R R R 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Address 0x21 OTP DEVICE IDENTIFICATION: Digital circuit auto download the information from OTP to this register when chip power up. Read only. The default value will be all 0 if OTP is not configured. STPM066S SPI registers mapping DS12976 - Rev 2 page 41/67 |