Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPM066S Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce STPM066S
Description  Power management for automotive vision and radar systems
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM066S Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button STPM066S Datasheet HTML 14Page - STMicroelectronics STPM066S Datasheet HTML 15Page - STMicroelectronics STPM066S Datasheet HTML 16Page - STMicroelectronics STPM066S Datasheet HTML 17Page - STMicroelectronics STPM066S Datasheet HTML 18Page - STMicroelectronics STPM066S Datasheet HTML 19Page - STMicroelectronics STPM066S Datasheet HTML 20Page - STMicroelectronics STPM066S Datasheet HTML 21Page - STMicroelectronics STPM066S Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 67 page
background image
Figure 5. SYNCOUT output buffer
IC
3.3V inner supply
SYNCOUT
DGND
SYNCOUT output buffer
GADG1105180841PS
4.2.8
Reset and Fault
In ACTIVE mode, a reset signal is generated by STPM066S at RESET_B pin in case of UV, OV if enabled by
OTP, PG loss on BUCK regulator and Watchdog failure (wrong trigger of WD). Every regulator that can issue a
reset, moves the device to REC state. Reset behavior at Power Up phase is fully described in Section 6 Device
operating mode.
Figure 6. Reset circuit diagram in ACTIVE mode
≥ 1
RESET_B
pin
Watchdog failure
Buck_pg_loss
Buck_mon_uv
& RstEn Control Bits
OTP user setup
Ldo_mon_uv/ov
Buck_mon_uv/ov/pg
MUX
GADG3105190937PS
STPM066S
Voltage regulators and features description
DS12976 - Rev 2
page 18/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67