Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPM066S Fiches technique(PDF) 30 Page - STMicroelectronics

No de pièce STPM066S
Description  Power management for automotive vision and radar systems
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM066S Fiches technique(HTML) 30 Page - STMicroelectronics

Back Button STPM066S Datasheet HTML 26Page - STMicroelectronics STPM066S Datasheet HTML 27Page - STMicroelectronics STPM066S Datasheet HTML 28Page - STMicroelectronics STPM066S Datasheet HTML 29Page - STMicroelectronics STPM066S Datasheet HTML 30Page - STMicroelectronics STPM066S Datasheet HTML 31Page - STMicroelectronics STPM066S Datasheet HTML 32Page - STMicroelectronics STPM066S Datasheet HTML 33Page - STMicroelectronics STPM066S Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 67 page
background image
5.1
SPI frame CRC generator
The SPI protocol is defined by frames of 32 bits with 5 bits of CRC (Cyclic Redundancy Check) in both input and
output directions. The polynomial calculation implemented is:
g(x)= x^5 + x^2 + 1
the structure of CRC generator is shown in Figure 19. Structure of CRC generator.
Here are the rules:
1.
For DI, CNT=DI[21] is ignored when calculating CRC, it means only {DI[31:22],DI[20:5]} is used to calculate
CRC. For example, if DI[31:5]=27‘b1000_0010_1011_1111_1111_1111_111, the CRC[4:0]= 5‘b0_0011
2.
For DO, DO[21] is ignored when calculating CRC, it means only {DO[31:22],DO[20:5]} is used to calculate
CRC.
3.
The initial value of CRC generator is 5'b1_1111.
4.
MSB (DI[31]) is shift in CRC generator at first.
Figure 19. Structure of CRC generator
XOR
MOSI
BIT4
XOR
BIT1
BIT0
BIT3
BIT2
GAPG2402160858PS
STPM066S
SPI frame CRC generator
DS12976 - Rev 2
page 30/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67