| Moteur de recherche de fiches techniques de composants électroniques |
|
STPM066S Fiches technique(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPM066S Fiches technique(HTML) 31 Page - STMicroelectronics |
|
31 / 67 page ![]() 5.2 SPI registers mapping When registers are not written, their default state is the one shown in the respective map. 5.2.1 SPI REG BUCK 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 RESERVED RESERVED R R R R R R/W R/W R R R R/W R/W R/W R/W R R 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 0 Address 0x01 BUCK_XTH: OV/UV/PG threshold setting (see Power output UV/OV monitor, Power Good) BUCK_SPREAD_EN: Spread spectrum enable BUCK_OUTPUT_SR: Output stage slew rate (see tSR_PH) BUCK_SSCLK_SEL: SoftStart time selection (see tSOFTSTART_BUCK) 5.2.2 SPI REG WD_REC_EN 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 RESERVED RESERVED R R R R R R R R R R R/W R R R R 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 0 Address 0x02 SPI_WD_REC_EN: In case SPI_WD_REC_EN=1, WD failure asserts RESET_B and makes FSM go to REC state. STPM066S SPI registers mapping DS12976 - Rev 2 page 31/67 |