Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32U545CE Fiches technique(PDF) 107 Page - STMicroelectronics

No de pièce STM32U545CE
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U545CE Fiches technique(HTML) 107 Page - STMicroelectronics

Back Button STM32U545CE Datasheet HTML 103Page - STMicroelectronics STM32U545CE Datasheet HTML 104Page - STMicroelectronics STM32U545CE Datasheet HTML 105Page - STMicroelectronics STM32U545CE Datasheet HTML 106Page - STMicroelectronics STM32U545CE Datasheet HTML 107Page - STMicroelectronics STM32U545CE Datasheet HTML 108Page - STMicroelectronics STM32U545CE Datasheet HTML 109Page - STMicroelectronics STM32U545CE Datasheet HTML 110Page - STMicroelectronics STM32U545CE Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 283 page
background image
-
-
-
-
-
43
L8
-
-
-
46
M12
PE15
I/O
FT_h
-
TIM1_BKIN, TIM1_CH4N,
SPI1_MOSI, OCTOSPI1_IO3,
EVENTOUT
-
-
-
27 F6
H9
44
M8
21
29 G7 47
L10
PB10
I/O
FT_fhv
-
TIM2_CH3, LPTIM3_CH1,
I2C4_SCL, I2C2_SCL(boot),
SPI2_SCK, USART3_TX,
LPUART1_RX, TSC_SYNC,
OCTOSPI1_CLK, LPGPIO1_P4,
COMP1_OUT, SAI1_SCK_A,
EVENTOUT
WKUP8
-
-
-
-
-
45
K8
-
-
-
-
-
PB11
I/O
FT_fh
-
TIM2_CH4, I2C4_SDA,
I2C2_SDA(boot), SPI2_RDY,
USART3_RX, LPUART1_TX,
OCTOSPI1_NCS, EVENTOUT
-
20
H8
28 H5
J8
46
M9
-
-
-
-
-
VLXSMPS
S
-
-
-
-
21
H6
29 H6
J6
47 M10
-
-
-
-
-
VDDSMPS
S
-
-
-
-
22
G5
30 G6 H5
48
L9
-
-
-
-
-
VSSSMPS
S
-
-
-
-
-
-
-
-
-
-
-
22
30 H7 48
L11
VCAP
S
-
-
-
-
23
H4
31 H7
J4
49
K9
-
-
-
-
-
VDD11
S
-
-
-
-
24
G3
32 B2 H3
50
C4
23
31 D4 49
F11
VSS
S
-
-
-
-
25
H2
33 A1
J2
51
K10
24
32 D2 50
G12
VDD
S
-
-
-
-
Table 27. STM32U545xx pin/ball definitions(1) (continued)
Pin number
Pin name
(function
after reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More