Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32U545CE Fiches technique(PDF) 106 Page - STMicroelectronics

No de pièce STM32U545CE
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U545CE Fiches technique(HTML) 106 Page - STMicroelectronics

Back Button STM32U545CE Datasheet HTML 102Page - STMicroelectronics STM32U545CE Datasheet HTML 103Page - STMicroelectronics STM32U545CE Datasheet HTML 104Page - STMicroelectronics STM32U545CE Datasheet HTML 105Page - STMicroelectronics STM32U545CE Datasheet HTML 106Page - STMicroelectronics STM32U545CE Datasheet HTML 107Page - STMicroelectronics STM32U545CE Datasheet HTML 108Page - STMicroelectronics STM32U545CE Datasheet HTML 109Page - STMicroelectronics STM32U545CE Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 283 page
background image
-
G7
26 G4 J10
34
L4
20
28 G6 37
L6
PB2
I/O
FT_hat
-
LPTIM1_CH1, TIM8_CH4N,
I2C3_SMBA, SPI1_RDY,
MDF1_CKI0, OCTOSPI1_DQS,
EVENTOUT
COMP1_INP2,
ADC1_IN17,
WKUP1,
RTC_OUT2
-
-
-
-
-
35
K5
-
-
-
38
M7
PE7
I/O
FT_h
-
TIM1_ETR, SAI1_SD_B,
EVENTOUT
WKUP6
-
-
-
-
-
36
M4
-
-
-
39
L7
PE8
I/O
FT_h
-
TIM1_CH1N, SAI1_SCK_B,
EVENTOUT
WKUP7
-
-
-
-
-
37
L5
-
-
-
40
M8
PE9
I/O
FT_hv
-
TIM1_CH1, ADF1_CCK0,
MDF1_CCK0, OCTOSPI1_NCLK,
SAI1_FS_B, EVENTOUT
-
-
-
-
-
-
38
M5
-
-
-
41
L8
PE10
I/O
FT_hav
-
TIM1_CH2N, ADF1_SDI0,
TSC_G5_IO1, OCTOSPI1_CLK,
SAI1_MCLK_B, EVENTOUT
-
-
-
-
-
-
39
L6
-
-
-
42
M9
PE11
I/O
FT_ha
-
TIM1_CH2, SPI1_RDY,
TSC_G5_IO2, OCTOSPI1_NCS,
EVENTOUT
-
-
-
-
-
-
40
M6
-
-
-
43
L9
PE12
I/O
FT_ha
-
TIM1_CH3N, SPI1_NSS,
TSC_G5_IO3, OCTOSPI1_IO0,
EVENTOUT
-
-
-
-
-
-
41
L7
-
-
-
44
M10
PE13
I/O
FT_ha
-
TIM1_CH3, SPI1_SCK,
TSC_G5_IO4, OCTOSPI1_IO1,
EVENTOUT
-
-
-
-
-
-
42
M7
-
-
-
45
M11
PE14
I/O
FT_h
-
TIM1_CH4, TIM1_BKIN2,
SPI1_MISO, OCTOSPI1_IO2,
EVENTOUT
-
Table 27. STM32U545xx pin/ball definitions(1) (continued)
Pin number
Pin name
(function
after reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More