Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32U545CE Fiches technique(PDF) 111 Page - STMicroelectronics

No de pièce STM32U545CE
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U545CE Fiches technique(HTML) 111 Page - STMicroelectronics

Back Button STM32U545CE Datasheet HTML 107Page - STMicroelectronics STM32U545CE Datasheet HTML 108Page - STMicroelectronics STM32U545CE Datasheet HTML 109Page - STMicroelectronics STM32U545CE Datasheet HTML 110Page - STMicroelectronics STM32U545CE Datasheet HTML 111Page - STMicroelectronics STM32U545CE Datasheet HTML 112Page - STMicroelectronics STM32U545CE Datasheet HTML 113Page - STMicroelectronics STM32U545CE Datasheet HTML 114Page - STMicroelectronics STM32U545CE Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 283 page
background image
-
-
40 D8
-
66
F11
-
40 D8 66
D12
PC9
I/O
FT_ha
-
TRACED0, TIM8_BKIN2,
TIM3_CH4, TIM8_CH4,
DCMI_D3/PSSI_D3,
TSC_G4_IO4, USB_NOE,
SDMMC1_D1, LPTIM3_CH2,
EVENTOUT
-
29
E5
41 D7 E4
67
F12
29
41 D7 67
D11
PA8
I/O
FT_hv
-
MCO, TIM1_CH1, SAI1_CK2,
SPI1_RDY, USART1_CK,
USB_SOF, TRACECLK,
SAI1_SCK_A, LPTIM2_CH1,
EVENTOUT
-
30
D2
42 D6 F9
68
E11
30
42 C7 68
D10
PA9
I/O
FT
-
TIM1_CH2, SPI2_SCK,
DCMI_D0/PSSI_D0,
USART1_TX(boot), SAI1_FS_A,
TIM15_BKIN, EVENTOUT
-
31
D4
43 D5 E6
69
E12
31
43 C6 69
C12
PA10
I/O
FT
-
CRS_SYNC, TIM1_CH3,
LPTIM2_IN2, SAI1_D1,
DCMI_D1/PSSI_D1,
USART1_RX(boot), SAI1_SD_A,
TIM17_BKIN, EVENTOUT
-
32
C1
44 C8 C2
70 D12
32
44 C8 70
B12
PA11
I/O
FT_u
-
TIM1_CH4, TIM1_BKIN2,
SPI1_MISO, USART1_CTS,
FDCAN1_RX, USB_DM(boot),
EVENTOUT
-
Table 27. STM32U545xx pin/ball definitions(1) (continued)
Pin number
Pin name
(function
after reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More