Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32U545CE Fiches technique(PDF) 104 Page - STMicroelectronics

No de pièce STM32U545CE
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U545CE Fiches technique(HTML) 104 Page - STMicroelectronics

Back Button STM32U545CE Datasheet HTML 100Page - STMicroelectronics STM32U545CE Datasheet HTML 101Page - STMicroelectronics STM32U545CE Datasheet HTML 102Page - STMicroelectronics STM32U545CE Datasheet HTML 103Page - STMicroelectronics STM32U545CE Datasheet HTML 104Page - STMicroelectronics STM32U545CE Datasheet HTML 105Page - STMicroelectronics STM32U545CE Datasheet HTML 106Page - STMicroelectronics STM32U545CE Datasheet HTML 107Page - STMicroelectronics STM32U545CE Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 283 page
background image
13
D6
17 H2 G12 25
K2
13
17 G3 26
L3
PA3
I/O
TT_hav
-
TIM2_CH4, TIM5_CH4,
SAI1_CK1, LPUART1_RX,
OCTOSPI1_CLK, LPGPIO1_P1,
SAI1_MCLK_A, TIM15_CH2,
EVENTOUT
OPAMP1_VOU
T, ADC1_IN8,
WKUP5
-
H14 18
-
J16
26
K3
-
18 C2 27
E3
VSS
S
-
-
-
-
-
H12 19 H1 J14
27
C3
-
19 E6 28
G11
VDD
S
-
-
-
-
14
G11 20 F4 H13 28
L1
14
20 H3 29
M3
PA4
I/O
TT_ha
-
OCTOSPI1_NCS,
SPI1_NSS(boot), SPI3_NSS,
DCMI_HSYNC/PSSI_DE,
SAI1_FS_B, LPTIM2_CH1,
EVENTOUT
ADC1_IN9,
ADC4_IN9,
DAC1_OUT1,
WKUP2
15
F8
21 G3 E10
29
L2
1521 F4
30K4
PA5
I/O
TT_a
-
CSLEEP, TIM2_CH1, TIM2_ETR,
TIM8_CH1N, PSSI_D14,
SPI1_SCK(boot), USART3_RX,
LPTIM2_ETR, EVENTOUT
ADC1_IN10,
ADC4_IN10,
DAC1_OUT2,
WKUP6
16
G9
22 F5 H11
30
M1
16
22 G4 31
L4
PA6
I/O
FT_ha
-
CDSTOP, TIM1_BKIN, TIM3_CH1,
TIM8_BKIN,
DCMI_PIXCLK/PSSI_PDCK,
SPI1_MISO(boot), USART3_CTS,
LPUART1_CTS, OCTOSPI1_IO3,
LPGPIO1_P2, TIM16_CH1,
EVENTOUT
ADC1_IN11,
ADC4_IN11,
WKUP7
Table 27. STM32U545xx pin/ball definitions(1) (continued)
Pin number
Pin name
(function
after reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More