| Moteur de recherche de fiches techniques de composants électroniques |
|
M5CAARCH-RM/D Fiches technique(PDF) 83 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
M5CAARCH-RM/D Fiches technique(HTML) 83 Page - NXP Semiconductors |
|
83 / 114 page ![]() AC Timing Specifications 83 03 CP Timing Specifications This section describes the timing for the following CP interfaces: • DS1/DS3 • 10/100 Ethernet • Gigabit Ethernet • OC-3 • OC-12 DS1/DS3 Timing Specifications The DS1/DS3 interface timing is shown in Figure 14 and described in Table 42. Figure 14 DS1/DS3 Ethernet Timing Diagram † The frequencies specified for CCLK0 - CCLK7 allow full flexibility for the C-5e NP. It is also possible to use one or more CCLKn inputs for other frequencies; contact your Motorola representative for more information. CPn_0 (TCLK) Cycle 1 Cycle 2 Cycle 2 Cycle 3 Cycle 3 Cycle 4 Cycle 4 Cycle 5 Cycle 5 CPn_2/3 (Tx) CPn_1 (RCLK) CPn_4/5 (Rx) Tcdt Tcdo Tcdr Tcds Tcdh Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |