Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M5CAARCH-RM/D Fiches technique(PDF) 72 Page - NXP Semiconductors

No de pièce M5CAARCH-RM/D
Description  C-5e NETWORK PROCESSOR SILICON REVISION A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

M5CAARCH-RM/D Fiches technique(HTML) 72 Page - NXP Semiconductors

Back Button M5CAARCH-RM/D Datasheet HTML 68Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 69Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 70Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 71Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 72Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 73Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 74Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 75Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 76Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 114 page
background image
72
CHAPTER 2: SIGNAL DESCRIPTIONS
C
Boundary Scan
Description Language
In order to simplify board test, Motorola Corporation has provided a boundary scan
description language (BSDL) file (c5e.bsdl) in the Motorola web site that describes the
complete set of instructions, boundary scan order, and identification code value in an
industry standard format.
http://www.motorola.com/networkprocessors
Bypass
Bypass Register
1110
Bypass
Bypass Register
1111
* There are two reserved instructions intended for Motorola Corporation’s internal
use. These should not be programmed by users.
Table 35 Instruction Register Instructions (continued)
INSTRUCTION MNEMONIC SELECTED REGISTER
INSTRUCTION OPCODE
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More