Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M5CAARCH-RM/D Fiches technique(PDF) 60 Page - NXP Semiconductors

No de pièce M5CAARCH-RM/D
Description  C-5e NETWORK PROCESSOR SILICON REVISION A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

M5CAARCH-RM/D Fiches technique(HTML) 60 Page - NXP Semiconductors

Back Button M5CAARCH-RM/D Datasheet HTML 56Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 57Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 58Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 59Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 60Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 61Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 62Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 63Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 114 page
background image
60
CHAPTER 2: SIGNAL DESCRIPTIONS
C
D 1-29
D1
QD3
D9
QA5
D17
MA8
D25
MD103
D2
QD8
D10
QA10
D18
GND
D26
MD102
D3
QD13
D11
QA16
D19
MCASX
D27
MD101
D4
QD19
D12
GND
D20
MDECC5
D28
MD100
D5
QD26
D13
JSO2
D21
MD107
D29
MD99
D6
QD31
D14
JSO0
D22
MD106
D7
QACLKO
D15
JSE
D23
MD105
D8
QNQRDY
D16
MA2
D24
MD104
E 1-29
E1
QD2
E9
QA4
E17
MA9
E25
MD95
E2
GND
E10
GND
E18
MBA0
E26
MD94
E3
QD12
E11
QA15
E19
MDECC0
E27
MD93
E4
QD18
E12
CCLK7
E20
GND
E28
GND
E5
QD25
E13
CCLK5
E21
MD98
E29
MD92
E6
GND
E14
CCLK2
E22
MD97
E7
QBCLKI
E15
VDD33
E23
MD96
E8
QARDY
E16
MA3
E24
GND
F 1-29
F1
QD1
F9
QA3
F17
MA10
F25
MD88
F2
QD7
F10
QA9
F18
MDQML
F26
MD87
F3
VDDT
F11
QA14
F19
MDECC1
F27
VDD33
F4
QD17
F12
CCLK6
F20
MDECC6
F28
MD86
F5
QD24
F13
CCLK4
F21
MD91
F29
MD85
F6
QD30
F14
CCLK1
F22
MD90
F7
VDDT
F15
SCLKX
F23
VDD33
F8
QDPH
F16
MA4
F24
MD89
Table 32 Signals Listed by Pin Number (continued)
PIN
FUNCTION
PIN
FUNCTION
PIN
FUNCTION
PIN
FUNCTION
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More