| Moteur de recherche de fiches techniques de composants électroniques |
|
HC705JJ7GRS/D Fiches technique(PDF) 207 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705JJ7GRS/D Fiches technique(HTML) 207 Page - NXP Semiconductors |
|
207 / 230 page ![]() Electrical Specifications Operating Temperature Range MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0 General Release Specification Electrical Specifications 15.4 Operating Temperature Range 15.5 Thermal Characteristics Characteristic Symbol Value Unit Operating Temperature Range Extended TA TL to TH –40 to +85 °C Characteristic Symbol Value Unit Thermal Resistance Plastic SOIC θ JA 60 °C/W Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |