Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HC705JJ7GRS/D Fiches technique(PDF) 153 Page - NXP Semiconductors

No de pièce HC705JJ7GRS/D
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JJ7GRS/D Fiches technique(HTML) 153 Page - NXP Semiconductors

Back Button HC705JJ7GRS/D Datasheet HTML 149Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 150Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 151Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 152Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 153Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 154Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 155Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 156Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 157Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 230 page
background image
Core Timer
COP Watchdog
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Release Specification
Core Timer
COPC — COP Clear
This write-only bit resets the COP watchdog. The COP watchdog is
active in the run, wait, and halt modes of operation if the COP is
enabled by setting the COPEN bit in the MOR. The STOP instruction
disables the COP watchdog by clearing the counter and turning off its
clock source.
In applications that depend on the COP watchdog, the STOP
instruction can be disabled by setting the SWAIT bit in the MOR. In
applications that have wait cycles longer than the COP timeout
period, the COP watchdog can be disabled by clearing the COPEN
bit. Table 10-2 summarizes recommended conditions for enabling
and disabling the COP watchdog.
NOTE:
If the voltage on the IRQ/VPP pin exceeds 1.5 × VDD, the COP watchdog
turns off and remains off until the IRQ/VPP pin voltage falls below
1.5
× V
DD.
Table 10-2. COP Watchdog Recommendations
Voltage on
IRQ/VPP Pin
SWAIT
(in MOR)1
Wait/Halt Time
Recommended COP
Watchdog Condition
Less than 1.5
× V
DD
1
Less than COP Timeout Period
Enabled2
Less than 1.5
× V
DD
1
Greater than COP Timeout Period
Disabled
Less than 1.5
× V
DD
0X3
Disabled
More than 1.5
× V
DD
X
X
Disabled
NOTES:
1. The SWAIT bit in the MOR converts STOP instructions to HALT instructions.
2. Reset the COP watchdog immediately before executing the WAIT/HALT instruction.
3. X = don’t care.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More