| Moteur de recherche de fiches techniques de composants électroniques |
|
68HC705SP7 Fiches technique(PDF) 36 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
68HC705SP7 Fiches technique(HTML) 36 Page - NXP Semiconductors |
|
36 / 230 page ![]() Memory General Release Specification MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0 Memory 2.5 Interrupt Vector Mapping The interrupt vectors are contained in the upper memory addresses above $1FF0 as shown in Figure 2-5. 2.6 RAM The 224 addresses from $0020 to $00FF serve as both the user RAM and the stack RAM. The CPU uses five RAM bytes to save all CPU register contents before processing an interrupt. During a subroutine call, the CPU uses two bytes to store the return address. The stack pointer decrements during pushes and increments during pulls. NOTE: Be careful when using nested subroutines or multiple interrupt levels. The CPU may overwrite data in the RAM during a subroutine or during the interrupt stacking operation. Address Register Name $1FF0 COP Register & EPROM Security $1FF1 Mask Option Register $1FF2 Analog Interrupt Vector (MSB) $1FF3 Analog Interrupt Vector (LSB) $1FF4 Serial Interrupt Vector (MSB) $1FF5 Serial Interrupt Vector ((LSB) $1FF6 Timer Interrupt Vector (MSB) $1FF7 Timer Interrupt Vector (LSB) $1FF8 CTimer Interrupt Vector (MSB) $1FF9 CTimer Interrupt Vector (LSB) $1FFA External IRQ Vector (MSB) $1FFB External IRQ Vector (LSB) $1FFC SWI Vector (MSB) $1FFD SWI Vector (LSB) $1FFE Reset Vector (MSB) $1FFF Reset Vector (LSB) Figure 2-5. Vector Mapping Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |