Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

68HC705SP7 Fiches technique(PDF) 32 Page - NXP Semiconductors

No de pièce 68HC705SP7
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705SP7 Fiches technique(HTML) 32 Page - NXP Semiconductors

Back Button 68HC705SP7 Datasheet HTML 28Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 29Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 30Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 31Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 32Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 33Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 34Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 35Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 230 page
background image
Memory
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
Memory
2.4 Input/Output Registers
The first 32 addresses of the memory space, $0000–$001F, contain the
I/O registers section as summarized in Figure 2-2.
One I/O register is located outside the 32-byte I/O section, which is the
computer operating properly (COP) register mapped at $1FF0.
The assignment of each control, status, and data bit in the I/O register
space from $0000–$001F is given in Figure 2-3 and Figure 2-4.
$0000
I/O REGISTERS
32 BYTES
$001F
$0020
USER RAM
224 BYTES
STACK RAM
64 BYTES
$00C0
$00FF
$00FF
$0100
UNIMPLEMENTED
1536 BYTES
$06FF
$0700
USER EPROM
6144 BYTES
$1EFF
$1F00
INTERNAL TEST ROM
240 BYTES
$1FEF
$1FF0
USER VECTORS
(EPROM) 16 BYTES
$1FFF
Figure 2-1. Memory Map
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More