Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

68HC705SP7 Fiches technique(PDF) 34 Page - NXP Semiconductors

No de pièce 68HC705SP7
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705SP7 Fiches technique(HTML) 34 Page - NXP Semiconductors

Back Button 68HC705SP7 Datasheet HTML 30Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 31Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 32Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 33Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 34Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 35Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 36Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 37Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 230 page
background image
Memory
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
Memory
* Features related to port C are only available on the 28-pin MC68HC705JP7 devices.
Addr.
Register
R/W
Bit 7
6
5
4321
Bit 0
$0000
Port A Data, PORTA
Read:
0
0
PA5
PA4
PA3
PA2
PA1
PA0
Write:
$0001
Port B Data, PORTB
Read:
PB7
PB6
PB5
PB4
PB3
PB2
PB1
PB0
Write:
$0002
* Port C Data, PORTC
Read:
PC7
PC6
PC5
PC4
PC3
PC2
PC1
PC0
Write:
$0003
Analog MUX Register, AMUX
Read:
HOLD
DHOLD
INV
VREF
MUX4
MUX3
MUX2
MUX1
Write:
$0004
Port A Data Direction, DDRA
Read:
0
0
DDRA5
DDRA4
DDRA3
DDRA2
DDRA1
DDRA0
Write:
$0005
Port B Data Direction, DDRB
Read:
DDRB7
DDRB6
DDRB5
DDRB4
DDRB3
DDRB2
DDRB1
DDRB0
Write:
$0006
* Port C Data Direction, DDRC
Read:
DDRC7
DDRC6
DDRC5
DDRC4
DDRC3
DDRC2
DDRC1
DDRC0
Write:
$0007
Unimplemented
Read:
Write:
$0008
CTimer Status/Control, CTSCR
Read:
CTOF
RTIF
CTOFE
RTIE
00
RT1
RT0
Write:
CTOFR
RTIFR
$0009
CTimer Counter, CTCR
Read:
BIT7
6
5
4321
BIT0
Write:
$000A
Serial Control, SCR
Read:
SPIE
SPE
LSBF
MSTR
0
CPHA
SPR1
SPR0
Write:
SPIR
$000B
Serial Status, SSR
Read:
SPIF
DCOL
0
00000
Write:
$000C
Serial Data, SDR
Read:
BIT7
6
5
4321
BIT0
Write:
$000D
IRQ Status & Control, ISCR
Read:
IRQE
OM2
OM1
0
IRQF
0
0
0
Write:
R
IRQR
$000E
PEPROM Bit Select, PEBSR
Read:
PEB7
PEB6
PEB5
PEB4
PEB3
PEB2
PEB1
PEB0
Write:
$000F
PEPROM Status/Control,
PESCR
Read: PEDATA
0
PEPGM
0000
PEPZRF
Write:
RRR
= Unimplemented
R
= Reserved
Figure 2-3. I/O Registers $0000–$000F
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More