Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

68HC705JB2 Fiches technique(PDF) 105 Page - NXP Semiconductors

No de pièce 68HC705JB2
Description  Industry standard M68HC05 CPU core
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705JB2 Fiches technique(HTML) 105 Page - NXP Semiconductors

Back Button 68HC705JB2 Datasheet HTML 101Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 102Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 103Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 104Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 105Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 106Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 107Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 108Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 109Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 128 page
background image
August 28, 1998
GENERAL RELEASE SPECIFICATION
INSTRUCTION SET
REV 1.1
12-1
SECTION 12
INSTRUCTION SET
This section describes the addressing modes and instruction types.
12.1
ADDRESSING MODES
The CPU uses eight addressing modes for flexibility in accessing data. The
addressing modes define the manner in which the CPU finds the data required to
execute an instruction. The eight addressing modes are the following:
•
Inherent
•
Immediate
•
Direct
•
Extended
•
Indexed, No Offset
•
Indexed, 8-Bit Offset
•
Indexed, 16-Bit Offset
•
Relative
12.1.1 Inherent
Inherent instructions are those that have no operand, such as return from interrupt
(RTI) and stop (STOP). Some of the inherent instructions act on data in the CPU
registers, such as set carry flag (SEC) and increment accumulator (INCA).
Inherent instructions require no memory address and are one byte long.
12.1.2 Immediate
Immediate instructions are those that contain a value to be used in an operation
with the value in the accumulator or index register. Immediate instructions require
no memory address and are two bytes long. The opcode is the first byte, and the
immediate data value is the second byte.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More