Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

68HC705JB2 Fiches technique(PDF) 45 Page - NXP Semiconductors

No de pièce 68HC705JB2
Description  Industry standard M68HC05 CPU core
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705JB2 Fiches technique(HTML) 45 Page - NXP Semiconductors

Back Button 68HC705JB2 Datasheet HTML 41Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 42Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 43Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 44Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 45Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 46Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 47Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 48Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 128 page
background image
August 28, 1998
GENERAL RELEASE SPECIFICATION
LOW POWER MODES
REV 1.1
6-3
6.3
DATA-RETENTION MODE
The contents of RAM and CPU registers are retained at supply voltages as low as
2.0Vdc. This is called the data-retention mode where the data is held, but the
device is not guaranteed to operate. The RESET pin must be held low during
data-retention mode.
NOTE
The voltage threshold of the LVR is higher than the Data-Retention
Mode minimum voltage, therefore the Data-Retention mode will not
be available if the LVR function is enabled in the mask option.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More