Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

68HC705JB2 Fiches technique(PDF) 72 Page - NXP Semiconductors

No de pièce 68HC705JB2
Description  Industry standard M68HC05 CPU core
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705JB2 Fiches technique(HTML) 72 Page - NXP Semiconductors

Back Button 68HC705JB2 Datasheet HTML 68Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 69Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 70Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 71Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 72Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 73Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 74Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 75Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 76Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 128 page
background image
GENERAL RELEASE SPECIFICATION
August 28, 1998
UNIVERSAL SERIAL BUS MODULE
MC68HC705JB2
10-4
REV 1.1
Figure 10-3. Supported USB Packet Types
The following sections will give some detail on each segment used to form a
complete USB transaction.
10.2.1.1 Sync Pattern
The NRZI (See Section 10.4.4.1) bit pattern shown in Figure 10-4 is used as a
synchronization pattern and is prefixed to each packet. This pattern is equivalent
to a data pattern of seven 0’s followed by a 1 (0x80).
Figure 10-4. Sync Pattern
The start of a packet (SOP) is signaled by the originating port by driving the D+
and D- lines from the idle state (also referred to as the “J” state) to the opposite
logic level (also referred to as the “K” state). This switch in levels represents the
first bit of the Sync field. Figure 10-5 shows the data signaling and voltage levels
for the start of packet and the sync pattern.
Token Packet:
IN
OUT
SYNC
PID
PID
ADDR
ENDP
CRC5
EOP
SETUP
Data Packet:
DATA0
SYNC
PID
PID
DATA
CRC5
EOP
DATA1
0 - 8 bytes
Handshake Packet:
ACK
NAK
SYNC
PID
PID
EOP
STALL
SYNC PATTERN
PID0
PID1
Idle
NRZI Data
Encoding
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More