Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

68HC705JB2 Fiches technique(PDF) 73 Page - NXP Semiconductors

No de pièce 68HC705JB2
Description  Industry standard M68HC05 CPU core
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705JB2 Fiches technique(HTML) 73 Page - NXP Semiconductors

Back Button 68HC705JB2 Datasheet HTML 69Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 70Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 71Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 72Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 73Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 74Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 75Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 76Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 77Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 128 page
background image
August 28, 1998
GENERAL RELEASE SPECIFICATION
UNIVERSAL SERIAL BUS MODULE
REV 1.1
10-5
Figure 10-5. SOP, Sync Signaling and Voltage Levels
10.2.1.2 Packet Identifier Field
The Packet Identifier field is an eight bit number comprised of the four bit packet
identification (PID) and its complement. The field follows the sync pattern and
determines the direction and type of transaction on the bus. Table 10-1 shows the
PID values for the supported packet types.
Table 10-1. Supported Packet Identifiers
10.2.1.3 Address Field (ADDR)
The Address field is a seven bit number that is used to select a particular USB
device. This field is compared to the lower seven bits of the UADDR register to
determine if a given transaction is targeting the MC68HC705JB2 USB device.
PID Value
PID Type
%1001
IN Token
%0001
OUT Token
%1101
SETUP Token
%0011
DATA0 Packet
%1011
DATA1 Packet
%0010
ACK Handshake
%1010
NAK Handshake
%1110
STALL Handshake
END OF SYNC
FIRST BIT OF PACKET
SOP
BUS IDLE
VOH (min)
VSE (max)
VSE (min)
VOL (min)
VSS
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More