Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

68HC705JB2 Fiches technique(PDF) 74 Page - NXP Semiconductors

No de pièce 68HC705JB2
Description  Industry standard M68HC05 CPU core
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705JB2 Fiches technique(HTML) 74 Page - NXP Semiconductors

Back Button 68HC705JB2 Datasheet HTML 70Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 71Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 72Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 73Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 74Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 75Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 76Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 77Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 78Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 128 page
background image
GENERAL RELEASE SPECIFICATION
August 28, 1998
UNIVERSAL SERIAL BUS MODULE
MC68HC705JB2
10-6
REV 1.1
10.2.1.4 Endpoint Field (ENDP)
The Endpoint field is a four bit number that is used to select a particular endpoint
within a USB device. For the MC68HC705JB2, this will be a binary number
between zero and two inclusive. Any other value will cause the transaction to be
ignored.
10.2.1.5 Cyclic Redundancy Check (CRC)
Cyclic Redundancy Checks are used to verify the address and data stream of a
USB transaction. This field is five bits wide for token packets and sixteen bits wide
for data packets. CRCs are generated in the transmitter and sent on the USB data
lines after both the endpoint field and the data field. Figure 10-6 shows how the
five bit CRC value is calculated from the data stream and verified for the address
and endpoint fields of a token packet. Figure 10-7 shows how the sixteen bit CRC
value is calculated and either transmitted or verified for the data packet of a given
transaction.
Figure 10-6. CRC Block Diagram for Address and Endpoint Fields
00 1 0 1
01 1 0 0
0
5
5
5
5
next bit
Data Stream
Update every bit time
Reset to ones at SOP
Equal?
Good CRC
Bad CRC
5
YN
Expected Residual:
Generator Polynomial:
MUX
1
0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More