Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STE2004 Fiches technique(PDF) 50 Page - STMicroelectronics

No de pièce STE2004
Description  102 X 65 SINGLE CHIP LCD CONTROLLER / DRIVER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2004 Fiches technique(HTML) 50 Page - STMicroelectronics

Back Button STE2004 Datasheet HTML 46Page - STMicroelectronics STE2004 Datasheet HTML 47Page - STMicroelectronics STE2004 Datasheet HTML 48Page - STMicroelectronics STE2004 Datasheet HTML 49Page - STMicroelectronics STE2004 Datasheet HTML 50Page - STMicroelectronics STE2004 Datasheet HTML 51Page - STMicroelectronics STE2004 Datasheet HTML 52Page - STMicroelectronics STE2004 Datasheet HTML 53Page - STMicroelectronics STE2004 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 66 page
background image
STE2004
50/66
Figure 65. Application Schematic using the Internal LCD Voltage Generator and two separate supplies
Figure 66. Application Schematic using the Internal LCD Voltage Generator and a single supply
VDD2
VDD1
VDD2
I/O
VDD1
VSS
VLCDSENSE
VLCD
VSS
65 x 102
DISPLAY
32
102
33
1
µF1µF
1
µF
VDD
VDD2
I/O
VDD1
VSS
VLCDSENSE
VLCD
VSS
32
33
1
µF
65 x 102
DISPLAY
102
1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66