Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STE2004 Fiches technique(PDF) 63 Page - STMicroelectronics

No de pièce STE2004
Description  102 X 65 SINGLE CHIP LCD CONTROLLER / DRIVER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2004 Fiches technique(HTML) 63 Page - STMicroelectronics

Back Button STE2004 Datasheet HTML 58Page - STMicroelectronics STE2004 Datasheet HTML 59Page - STMicroelectronics STE2004 Datasheet HTML 60Page - STMicroelectronics STE2004 Datasheet HTML 61Page - STMicroelectronics STE2004 Datasheet HTML 62Page - STMicroelectronics STE2004 Datasheet HTML 63Page - STMicroelectronics STE2004 Datasheet HTML 64Page - STMicroelectronics STE2004 Datasheet HTML 65Page - STMicroelectronics STE2004 Datasheet HTML 66Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 63 / 66 page
background image
63/66
STE2004
NAME
PAD
X (
µm)
Y(
µm)
R48
125
3086.5
-25.0
R49
126
3086.5
25.0
R50
127
3086.5
75.0
R51
128
3086.5
125.0
R52
129
3086.5
175.0
R53
130
3086.5
225.0
R54
131
3086.5
275.0
R55
132
3086.5
325.0
R56
133
3086.5
375.0
R57
134
3086.5
425.0
R58
135
3086.5
475.0
R59
136
3086.5
525.0
R60
137
2925.0
596.5
R61
138
2875.0
596.5
R62
139
2825.0
596.5
R63
140
2775.0
596.5
R64-ICON
141
2725.0
596.5
VDD1_AUX
142
2475.0
596.5
FR_IN
143
2425.0
596.5
OSC_IN
144
2375.0
596.5
VSENSE_SLAVE
145
2325.0
596.5
TEST_VREF
146
1975.0
596.5
VSSAUX
147
1925.0
596.5
SA1
148
1875.0
596.5
SA0
149
1825.0
596.5
M/S
150
1775.0
596.5
EXT_SET
151
1725.0
596.5
SEL3
152
1675.0
596.5
SEL2
153
1625.0
596.5
SEL1
154
1575.0
596.5
ICON
155
1525.0
596.5
Table 28. Pad Coordinates (continued)
NAME
PAD
X (
µm)
Y(
µm)
VDD1
156
1475.0
596.5
VDD1
157
1425.0
596.5
VDD1
158
1375.0
596.5
VDD1
159
1325.0
596.5
VDD1
160
1275.0
596.5
VDD1
161
1225.0
596.5
VDD1
162
1175.0
596.5
VDD1
163
1125.0
596.5
VDD2
164
1075.0
596.5
VDD2
165
1025.0
596.5
VDD2
166
975.0
596.5
VDD2
167
925.0
596.5
VDD2
168
875.0
596.5
VDD2
169
825.0
596.5
VDD2
170
775.0
596.5
VDD2
171
725.0
596.5
RES
172
375.0
596.5
CS
173
275.0
596.5
D/C
174
175.0
596.5
R/W - RD
175
75.0
596.5
E - WR
176
-25.0
596.5
VSSAUX
177
-75.0
596.5
SDAOUT
178
-175.0
596.5
SDIN-SDAIN
179
-225.0
596.5
SDOUT
180
-275.0
596.5
SCLK-SCL
181
-375.0
596.5
D7
182
-425.0
596.5
D6
183
-475.0
596.5
D5
184
-525.0
596.5
D4
185
-575.0
596.5
D3
186
-625.0
596.5
Table 28. Pad Coordinates (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66