| Moteur de recherche de fiches techniques de composants électroniques |
|
STE2004 Fiches technique(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STE2004 Fiches technique(HTML) 7 Page - STMicroelectronics |
|
7 / 66 page ![]() 7/66 STE2004 Figure 4. Master Slave Logic Connection with frame Synchronization Figure 5. Master Slave Logic Connection without frame Synchronization 3.5 Bias Levels To properly drive the LCD, six (Including VLCD and VSS) different voltage (Bias) levels are generated. The ratios among these levels and VLCD, should be selected according to the MUX ratio (m). They are established to be (Fig. 6): Figure 6. Bias level Generator thus providing an 1/(n+4) ratio, with n calculated from: For m = 65, n = 5 and an 1/9 ratio is set. For m = 49, n =4 and an 1/8 ratio is set. The STE2004 provides three bits (BS0, BS1, BS2) for programming the desired Bias Ratio as shown below: OSCOUT LR0219 STE2004 VDD1AUX STE2004 FROUT OSCIN FRIN OSCIN FRIN OSCOUT FROUT OSCOUT LR0220 STE2004 VDD1AUX STE2004 FROUT OSCIN FRIN OSCOUT FROUT VDD1AUX OSCIN FRIN V LCD n3 + n4 + ------------- V LCD , n2 + n4 + ------------- V LCD , 2 n4 + ------------- V LCD , 1 n4 + ------------- V LCD ,VSS , R VLCD VSS ·VLCD ·VLCD ·VLCD ·VLCD n + 3 n + 4 R nR R R n + 2 n + 4 2 n + 4 1 n + 4 D00IN1150 nm 3 – = |