| Moteur de recherche de fiches techniques de composants électroniques |
|
LSM6DSO Fiches technique(PDF) 131 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSO Fiches technique(HTML) 131 Page - STMicroelectronics |
|
131 / 172 page ![]() 13.1.10 MAG_SI_ZZ_L (D0h) and MAG_SI_ZZ_H (D1h) Soft-iron (3x3 symmetric) matrix correction register (r/w) The value is expressed as half-precision floating-point format: SEEEEEFFFFFFFFFF (S: 1 sign bit; E: 5 exponent bits; F: 10 fraction bits). Table 297. MAG_SI_ZZ_L register MAG_SI_ZZ_7 MAG_SI_ZZ_6 MAG_SI_ZZ_5 MAG_SI_ZZ_4 MAG_SI_ZZ_3 MAG_SI_ZZ_2 MAG_SI_ZZ_1 MAG_SI_ZZ_0 Table 298. MAG_SI_ZZ_L register description MAG_SI_ZZ_[7:0] Soft-iron correction row3 col3 coefficient (LSbyte). Default value: 00000000 Table 299. MAG_SI_ZZ_H register MAG_SI_ZZ_15 MAG_SI_ZZ_14 MAG_SI_ZZ_13 MAG_SI_ZZ_12 MAG_SI_ZZ_11 MAG_SI_ZZ_10 MAG_SI_ZZ_9 MAG_SI_ZZ_8 Table 300. MAG_SI_ZZ_H register description MAG_SI_ZZ_[15:8] Soft-iron correction row3 col3 coefficient (MSbyte). Default value: 00111100 LSM6DSO Page 0 - Embedded advanced features registers DS12140 - Rev 2 page 131/172 |