| Moteur de recherche de fiches techniques de composants électroniques |
|
LSM6DSO Fiches technique(PDF) 97 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSO Fiches technique(HTML) 97 Page - STMicroelectronics |
|
97 / 172 page ![]() 11.10 FSM_INT2_A (0Fh) INT2 pin control register (r/w) Each bit in this register enables a signal to be carried through INT2. The pin's output will supply the OR combination of the selected signals. Table 191. FSM_INT2_A register INT2_ FSM8 INT2_ FSM7 INT2_ FSM6 INT2_ FSM5 INT2_ FSM4 INT2_ FSM3 INT2_ FSM2 INT2_ FSM1 Table 192. FSM_INT2_A register description INT2_FSM8(1) Routing of FSM8 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_FSM7(1) Routing of FSM7 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_FSM6(1) Routing of FSM6 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_FSM5(1) Routing of FSM5 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_FSM4(1) Routing of FSM4 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_FSM3(1) Routing of FSM3 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_FSM2(1) Routing of FSM2 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_FSM1(1) Routing of FSM1 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) 1. This bit is effective if the INT2_EMB_FUNC bit of MD2_CFG (5Fh) is set to 1. LSM6DSO FSM_INT2_A (0Fh) DS12140 - Rev 2 page 97/172 |