| Moteur de recherche de fiches techniques de composants électroniques |
|
LSM6DSO Fiches technique(PDF) 82 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSO Fiches technique(HTML) 82 Page - STMicroelectronics |
|
82 / 172 page ![]() 9.53 INT_OIS (6Fh) OIS interrupt configuration register and accelerometer self-test enable setting. Primary interface for read-only (r); only Aux SPI can write to this register (r/w). Table 144. INT_OIS register INT2_ DRDY_OIS LVL2_OIS DEN_LH_OIS - - 0 ST1_XL_OIS ST0_XL_OIS Table 145. INT_OIS register description INT2_DRDY_OIS Enables OIS chain DRDY on INT2 pin. This setting has priority over all other INT2 settings. LVL2_OIS Enables level-sensitive latched mode on the OIS chain. Default value: 0 DEN_LH_OIS Indicates polarity of DEN signal on OIS chain (0: DEN pin is active-low; 1: DEN pin is active-high) ST[1:0]_XL_OIS Selects accelerometer self-test – effective only if XL OIS chain is enabled. Default value: 00 (00: Normal mode; 01: Positive sign self-test; 10: Negative sign self-test; 11: not allowed) LSM6DSO INT_OIS (6Fh) DS12140 - Rev 2 page 82/172 |