| Moteur de recherche de fiches techniques de composants électroniques |
|
LSM6DSO Fiches technique(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSO Fiches technique(HTML) 11 Page - STMicroelectronics |
|
11 / 172 page ![]() 13. The linear acceleration self-test output change is defined with the device in stationary condition as the absolute value of: OUTPUT[LSb] (self-test enabled) - OUTPUT[LSb] (self-test disabled). 1LSb = 0.061 mg at ±2 g full scale. 14. Accelerometer self-test limits are full-scale independent. 15. The sign of the angular rate self-test output change is defined by the STx_G bits in a dedicated register for all axes. 16. The angular rate self-test output change is defined with the device in stationary condition as the absolute value of: OUTPUT[LSb] (self-test enabled) - OUTPUT[LSb] (self-test disabled). 1LSb = 70 mdps at ±2000 dps full scale. LSM6DSO Mechanical characteristics DS12140 - Rev 2 page 11/172 |