| Moteur de recherche de fiches techniques de composants électroniques |
|
TDA4VE...ALZQ1 Fiches technique(PDF) 11 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TDA4VE...ALZQ1 Fiches technique(HTML) 11 Page - Texas Instruments |
|
11 / 251 page ![]() Table 6-2. Pin Attributes (ALZ Package) (continued) Ball Num [1] Ball Name [2] PADCFG Register [13] PADCFG Address [14] Signal Name [3] Mux Mode [4] Signal Type [5] I/O Voltage [6] Ball State DURING Reset (RX/TX/PULL) [7] Ball State AFTER Reset (RX/TX/PULL) [8] Mux Mode AFTER Reset [9] Power [10] Voltage Buffer Type [11] IO RET [12] AD19 CSI0_RXN3 CSI0_RXN3 I 1.8 V VDDA_0P8_CS IRX0_1 / VDDA_1P8_CS IRX0_1 D-PHY AG19 CSI0_RXP0 CSI0_RXP0 I 1.8 V VDDA_0P8_CS IRX0_1 / VDDA_1P8_CS IRX0_1 D-PHY AF20 CSI0_RXP1 CSI0_RXP1 I 1.8 V VDDA_0P8_CS IRX0_1 / VDDA_1P8_CS IRX0_1 D-PHY AE19 CSI0_RXP2 CSI0_RXP2 I 1.8 V VDDA_0P8_CS IRX0_1 / VDDA_1P8_CS IRX0_1 D-PHY AD20 CSI0_RXP3 CSI0_RXP3 I 1.8 V VDDA_0P8_CS IRX0_1 / VDDA_1P8_CS IRX0_1 D-PHY AG21 CSI1_RXN0 CSI1_RXN0 I 1.8 V VDDA_0P8_CS IRX0_1 / VDDA_1P8_CS IRX0_1 D-PHY AF22 CSI1_RXN1 CSI1_RXN1 I 1.8 V VDDA_0P8_CS IRX0_1 / VDDA_1P8_CS IRX0_1 D-PHY AE21 CSI1_RXN2 CSI1_RXN2 I 1.8 V VDDA_0P8_CS IRX0_1 / VDDA_1P8_CS IRX0_1 D-PHY AD22 CSI1_RXN3 CSI1_RXN3 I 1.8 V VDDA_0P8_CS IRX0_1 / VDDA_1P8_CS IRX0_1 D-PHY AG22 CSI1_RXP0 CSI1_RXP0 I 1.8 V VDDA_0P8_CS IRX0_1 / VDDA_1P8_CS IRX0_1 D-PHY AF23 CSI1_RXP1 CSI1_RXP1 I 1.8 V VDDA_0P8_CS IRX0_1 / VDDA_1P8_CS IRX0_1 D-PHY AE22 CSI1_RXP2 CSI1_RXP2 I 1.8 V VDDA_0P8_CS IRX0_1 / VDDA_1P8_CS IRX0_1 D-PHY AD23 CSI1_RXP3 CSI1_RXP3 I 1.8 V VDDA_0P8_CS IRX0_1 / VDDA_1P8_CS IRX0_1 D-PHY www.ti.com TDA4VE-Q1, TDA4AL-Q1, TDA4VL-Q1 SPRSP62 – DECEMBER 2022 Copyright © 2023 Texas Instruments Incorporated Submit Document Feedback 11 Product Folder Links: TDA4VE-Q1 TDA4AL-Q1 TDA4VL-Q1 |