| Moteur de recherche de fiches techniques de composants électroniques |
|
TDA4VE...ALZQ1 Fiches technique(PDF) 67 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TDA4VE...ALZQ1 Fiches technique(HTML) 67 Page - Texas Instruments |
|
67 / 251 page ![]() 6.3.4.2 MCU Domain Table 6-17. MCU_I2C0 Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN MCU_I2C0_SCL IOD I2C Clock G24 MCU_I2C0_SDA IOD I2C Data J25 Table 6-18. MCU_I2C1 Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN MCU_I2C1_SCL IOD I2C Clock E25, F24 MCU_I2C1_SDA IOD I2C Data F28, H26 6.3.4.3 WKUP Domain Table 6-19. WKUP_I2C0 Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN WKUP_I2C0_SCL IOD I2C Clock H24 WKUP_I2C0_SDA IOD I2C Data H27 6.3.5 I3C 6.3.5.1 MCU Domain Table 6-20. MCU_I3C0 Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN MCU_I3C0_SCL IO I3C Clock F24 MCU_I3C0_SDA IO I3C Data H26 MCU_I3C0_SDAPULLEN OD I3C Data Pull Enable F25, G26 6.3.6 MCAN 6.3.6.1 MAIN Domain Table 6-21. MCAN0 Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN MCAN0_RX I MCAN Receive Data U28 MCAN0_TX O MCAN Transmit Data W28 Table 6-22. MCAN1 Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN MCAN1_RX I MCAN Receive Data AD28, R27 MCAN1_TX O MCAN Transmit Data V26 Table 6-23. MCAN2 Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN MCAN2_RX I MCAN Receive Data Y25 MCAN2_TX O MCAN Transmit Data R28 Table 6-24. MCAN3 Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN MCAN3_RX I MCAN Receive Data U26 MCAN3_TX O MCAN Transmit Data T27 www.ti.com TDA4VE-Q1, TDA4AL-Q1, TDA4VL-Q1 SPRSP62 – DECEMBER 2022 Copyright © 2023 Texas Instruments Incorporated Submit Document Feedback 67 Product Folder Links: TDA4VE-Q1 TDA4AL-Q1 TDA4VL-Q1 |