Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA4VE...ALZQ1 Fiches technique(PDF) 37 Page - Texas Instruments

No de pièce TDA4VE...ALZQ1
Description  TDA4VE TDA4AL TDA4VL Jacinto™ Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TDA4VE...ALZQ1 Fiches technique(HTML) 37 Page - Texas Instruments

Back Button TDA4VE...ALZQ1 Datasheet HTML 33Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 34Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 35Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 36Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 37Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 38Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 39Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 40Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 251 page
background image
Table 6-2. Pin Attributes (ALZ Package) (continued)
Ball
Num [1]
Ball
Name [2]
PADCFG Register [13]
PADCFG Address [14]
Signal
Name [3]
Mux
Mode [4]
Signal
Type [5]
I/O
Voltage [6]
Ball State
DURING
Reset
(RX/TX/PULL) [7]
Ball State
AFTER
Reset
(RX/TX/PULL) [8]
Mux
Mode
AFTER
Reset [9]
Power [10]
Voltage
Buffer
Type [11]
IO
RET [12]
L24
MCU_ADC0_AIN3
PADCFG:
WKUP_PADCONFIG_80
0x4301C140
MCU_ADC0_AIN3
0
A
1.8 V
0
VDDA_ADC0
ADC12B
No
WKUP_GPIO0_74
7
I
L27
MCU_ADC0_AIN4
PADCFG:
WKUP_PADCONFIG_81
0x4301C144
MCU_ADC0_AIN4
0
A
1.8 V
0
VDDA_ADC0
ADC12B
No
WKUP_GPIO0_75
7
I
K24
MCU_ADC0_AIN5
PADCFG:
WKUP_PADCONFIG_82
0x4301C148
MCU_ADC0_AIN5
0
A
1.8 V
0
VDDA_ADC0
ADC12B
No
WKUP_GPIO0_76
7
I
M27
MCU_ADC0_AIN6
PADCFG:
WKUP_PADCONFIG_83
0x4301C14C
MCU_ADC0_AIN6
0
A
1.8 V
0
VDDA_ADC0
ADC12B
No
WKUP_GPIO0_77
7
I
M26
MCU_ADC0_AIN7
PADCFG:
WKUP_PADCONFIG_84
0x4301C150
MCU_ADC0_AIN7
0
A
1.8 V
0
VDDA_ADC0
ADC12B
No
WKUP_GPIO0_78
7
I
P25
MCU_ADC1_AIN0
PADCFG:
WKUP_PADCONFIG_85
0x4301C154
MCU_ADC1_AIN0
0
A
1.8 V
0
VDDA_ADC1
ADC12B
No
WKUP_GPIO0_79
7
I
R25
MCU_ADC1_AIN1
PADCFG:
WKUP_PADCONFIG_86
0x4301C158
MCU_ADC1_AIN1
0
A
1.8 V
0
VDDA_ADC1
ADC12B
No
WKUP_GPIO0_80
7
I
P28
MCU_ADC1_AIN2
PADCFG:
WKUP_PADCONFIG_87
0x4301C15C
MCU_ADC1_AIN2
0
A
1.8 V
0
VDDA_ADC1
ADC12B
No
WKUP_GPIO0_81
7
I
P27
MCU_ADC1_AIN3
PADCFG:
WKUP_PADCONFIG_88
0x4301C160
MCU_ADC1_AIN3
0
A
1.8 V
0
VDDA_ADC1
ADC12B
No
WKUP_GPIO0_82
7
I
N25
MCU_ADC1_AIN4
PADCFG:
WKUP_PADCONFIG_89
0x4301C164
MCU_ADC1_AIN4
0
A
1.8 V
0
VDDA_ADC1
ADC12B
No
WKUP_GPIO0_83
7
I
P26
MCU_ADC1_AIN5
PADCFG:
WKUP_PADCONFIG_90
0x4301C168
MCU_ADC1_AIN5
0
A
1.8 V
0
VDDA_ADC1
ADC12B
No
WKUP_GPIO0_84
7
I
www.ti.com
TDA4VE-Q1, TDA4AL-Q1, TDA4VL-Q1
SPRSP62 – DECEMBER 2022
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
37
Product Folder Links: TDA4VE-Q1 TDA4AL-Q1 TDA4VL-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More